Part Number Hot Search : 
2SA1599 2N3486A 321K1 LT1338 VXXEA1 AD22055N W528S12 C1024
Product Description
Full Text Search
 

To Download 151-12096M-SR-05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Oscilent Corporation | 151
Page 1 of 4
Quartz Crystals Series Number Package Description Last Modified
151
. Quartz Crystal FEATURES - Industry standard package - Wide frequency range - Low profile - Excellent reliability/aging - "AT Strip" blank technology - Cost effective - RoHs / Lead Free compliant
HC-49US
Weld Type Quartz
July. 01 2005
.
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS Frequency Range Frequency Tolerance Temperature Tolerance Operating Temperature Storage Temperature Shunt Capacitance Load Capacitance Drive Level Aging (First Year) Insulation Resistance CONDITIONS fO Ref @ +25C TL TOPR TSTG CO CL DL @ +25C IR CHARACTERISTICS 3.000 ~ 75.00 30 std. (5 ~ 100 avail.) 50 std. (See Table 2) -10 ~ +60 std. (See Table 2) -55 ~ +125 7.0 max. 20.0 std. (8 ~ 50 and Series avail.) 0.1 ~ 1.0 5.0 500 (DC100 10V) min. UNITS MHz PPM PPM C C pF pF mW PPM/Y Mohm
.
TABLE 1 - MODE OF OSCILLATION AND EQUIVALENT SERIES RESISTANCE
FREQUENCY RANGE (MHz) 3.000 ~ 3.500 3.500 ~ 3.800 3.800 ~ 4.100 4.100 ~ 5.000 5.000 ~ 6.000 6.000 ~ 8.000 MODE Fundamental Fundamental Fundamental Fundamental Fundamental Fundamental ohm max. 300 150 120 100 80 70 FREQUENCY RANGE (MHz) 8.000 ~ 10.000 10.000 ~ 12.000 12.000 ~ 28.000 28.000 ~ 33.500 26.000 ~ 40.000 40.000 ~ 75.000 MODE Fundamental Fundamental Fundamental Fundamental 3rd OT 3rd OT ohm max. 60 50 40 50 100 80
Frequency range 26.0 ~ 33.5 MHz is avail. in both Fund. and 3rd OT Mode. Be sure to specify Mode in Part Number Coding below
.
TABLE 2 - FREQUENCY - TEMPERATURE TOLERANCE
Cutting Temperature Range 0 ~ +50C -10 ~ +60C Tolerance (PPM) 5.00 x 10.0 x x 15.0 x x 20.0 x x 30.0 x O 50.0 x x
Oscilent Corporation | 151
Page 2 of 4
-20 ~ +70C AT -30 ~ +80C -40 ~ +85C BT
-
-
x -
x x -
x x -
O x x
x O
available recommended
Within a range of 80 ~ 120 PPM
.
.
PART NUMBER GUIDE
Series Number Frequency Load Capacitance Tolerance @ +25oC Tolerance Over Temp ( oC ) Operating Temp ( oC ) Value Added
151
HC-49US
-12.096M
See table below for standard freq and enter here e.g. 4.032 M OR enter any desired frequency. For 3rd Overtone Mode, add "3". e.g 28.0M3 . (applicable to freq. range 26.0 to 33.5 MHz only) **
-SR
Enter desired load capacitance. See table below for standard load capacitances Enter SR for series.
- 05
Blank * = 30 PPM or Fill in E.G 05 = 5 PPM 25 = 25 PPM Avail. = 5 ~ 100 Blank* = G= H= K= L= M= N=
K
50 PPM 30 PPM 20 PPM 15 PPM 10 PPM 5 PPM 100 PPM P= R= S= T= W=
P
0~+50 -10~+60 -20~+70 -30~+80 -40~+85
- VS
Blank * = Standard IT = Insulator Tab TL = Third Lead L2 = Alt. Third Lead VS = Vinyl Sleeving
NOTE: Deviations on all parameters available. Please consult Oscilent for details. DEFINITIONS: Click on the characteristic names above for definition of that particular characteristic. *STANDARDS: "Blank" part number selections indicate standard variables for that particular characteristic. PACKAGING: Add -TR for Tape/Reel. Click here for tape/reel specifications **3rd OVERTONE Freq. range above 33.50 Mhz is standard in 3rd Overtone. Adding "3" to part number not required.
.
STANDARD FREQUENCIES / LOAD CAPACITANCE - FOR GUIDE ONLY/OTHER FREQ/LOADS
AVAILABLE FREQUENCY (MHz) 3.579545 3.6864 4.000 4.032 4.096 4.194304 4.433618 4.9152 LOAD (pF) Series Std. Std. Std. Std. Std. 12 Std. 13 16 Std. 17 Std. 18 Std. 20 Std. Std. Std. Std. 32 -
Oscilent Corporation | 151
Page 3 of 4
5.000 5.0688 5.185 5.9904 6.000 6.144 6.500 7.3728 8.000 9.216 9.540 9.8304 10.000 10.738635 11.000 11.0592 11.520 11.98135 12.000 12.000393 12.096 12.288 12.960 14.31818 14.7456 15.000 15.360 16.000 16.000312 16.257 16.9344 17.734475 18.000 18.432 19.6608 20.000 21.47727 22.1184
Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std.
Std. -
-
Std. Std. -
-
Std. Std. Std. Std. Std. Std. Std. -
Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. Std. -
Std. Std. Std. Std. Std. Std. -
Oscilent Corporation | 151
Page 4 of 4
24.000(F) 24.00014 (F) FREQUENCY (MHz)
Std. Series
12
13
Std. 16 LOAD (pF)
17
Std. 18
Std. 20
32
F = Fundamental | OT = 3RD Overtone NOTE: Other frequencies and load capacitance available. PLEASE SPECIFY IN PART NUMBER GUIDE
Series No.: 151
Crystal Oscillators | Quartz Crystal | TCXO | VCXO | IF SAW Filter | RF SAW Filter | Ceramic Resonator Crystal Filter | Ceramic Filter | SAW Filter / SAW Devices | Site Map


▲Up To Search▲   

 
Price & Availability of 151-12096M-SR-05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X